Part Number Hot Search : 
F740LC DZ23C16 24C016 1N582 ICS932 LF2250 KTC2815D HD74LS1
Product Description
Full Text Search
 

To Download EMVK100ADA330ME55G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
MVY
Standard, 105C
MVH 125C
@Endurance : 105C 1000 to 2000 hours @Suitable to fit for downsized equipment @Solvent-proof type (see PRECAUTIONS AND GUIDELINES) @Pb-free design
low Z
MVK
MVL MVJ longer life
?SPECIFICATIONS
Items
Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current Dissipation Factor (tane) Low Temperature Characteristics (Max. Impedance Ratio) Endurance -40 to +105C 6.3 to 50Vdc P20% (M) (at 20C, 120Hz) I=0.01CV or 3MA, whichever is greater. Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) (at 20C after 2 minutes) 6.3V 10V 16V 25V 35V 50V Rated voltage (Vdc) D55 to F55 0.30 0.24 0.20 0.16 0.14 0.12 tanE (Max.) H63 to JA0 0.40 0.30 0.26 0.16 0.14 0.12 (at 20C,120Hz) 6.3V 10V 16V 25V 35V 50V Rated voltage (Vdc) 2 2 2 3 2 4 Z(-25C)/Z(+20C) 3 10 8 6 4 3 Z(-40C)/Z(+20C) (at 120Hz) The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for the specified period of time at 105C. Case code D55 to F55 H63 to JA0 Time 1000hours 2000hours Capacitance change [P30% of the initial value [P20% of the initial value D.F. (tanE) [300% of the initial specified value [200% of the initial specified value Leakage current [The initial specified value [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for the specified time at 105C without voltage applied. Case code D55 to F55 H63 to JA0 Time 500hours 1000hours Capacitance change [P25% of the initial value [P20% of the initial value D.F. (tanE) [200% of the initial specified value [200% of the initial specified value Leakage current [The initial specified value [The initial specified value
Characteristics
Shelf Life
?DIMENSIONS [mm]
@Terminal Code : A
FDP0.5 BP0.2
W
?MARKING
Size code D55 E55 F55 H63 HA0 JA0 D 4 5 6.3 8 8 10 L A B C 5.2 4.3 4.3 5.1 5.2 5.3 5.3 5.9 5.2 6.6 6.6 7.2 6.3 8.3 8.3 9.0 10.0 8.3 8.3 9.0 10.0 10.3 10.3 11.0 W 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 P 1.0 1.4 1.9 2.3 3.1 4.5
EX) 6.3V100MF
7hK
P CP0.2
100 6.3V
0.3max. LP0.3 (Note) Note : LP0.5 for H63 to JA0
AP0.2
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
E MV K AAA A DA AAA M AAA G
Supplement code Size code Capacitance tolerance code Capacitance code (ex. 4.7MF:4R7,10MF:100) Taping code Terminal code Voltage code (ex. 6.3V:6R3,10V:100,50V:500) Series code Category
Please refer to "A guide to global code (surface mount type)"
(1/2)
CAT. No. E1001E
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Standard, 105C
?STANDARD RATINGS
WV (Vdc) Cap (mF)
22 47 100 330 1000 33 100 220 10 22 47 470 33 47 100 330 4.7
Case code
tane
Rated ripple current (mArms/ 105c,120Hz)
21 36 56 290 410 34 90 180 16 30 48 460 45 80 180 450 15
Part No.
WV (Vdc)
Cap (mF)
10 22 33 220 0.10 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100
Case code
tane
Rated ripple current (mArms/ 105c,120Hz)
25 40 80 375 1.3 2.6 3.2 3.8 5.6 10 14 19 29 70 140 170 310
Part No.
6.3
10
16
25 35
D55 E55 F55 HA0 JA0 E55 H63 HA0 D55 E55 F55 JA0 F55 H63 HA0 JA0 D55
0.30 0.30 0.30 0.40 0.40 0.24 0.30 0.30 0.20 0.20 0.20 0.26 0.16 0.16 0.16 0.16 0.14
EMVK6R3ADA220MD55G EMVK6R3ADA470ME55G EMVK6R3ADA101MF55G EMVK6R3ADA331MHA0G EMVK6R3ADA102MJA0G EMVK100ADA330ME55G EMVK100ADA101MH63G EMVK100ADA221MHA0G EMVK160ADA100MD55G EMVK160ADA220ME55G EMVK160ADA470MF55G EMVK160ADA471MJA0G EMVK250ADA330MF55G EMVK250ADA470MH63G EMVK250ADA101MHA0G EMVK250ADA331MJA0G EMVK350ADA4R7MD55G
35
50
E55 F55 H63 JA0 D55 D55 D55 D55 D55 D55 D55 E55 F55 H63 HA0 HA0 JA0
0.14 0.14 0.14 0.14 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12
EMVK350ADA100ME55G EMVK350ADA220MF55G EMVK350ADA330MH63G EMVK350ADA221MJA0G EMVK500ADAR10MD55G EMVK500ADAR22MD55G EMVK500ADAR33MD55G EMVK500ADAR47MD55G EMVK500ADA1R0MD55G EMVK500ADA2R2MD55G EMVK500ADA3R3MD55G EMVK500ADA4R7ME55G EMVK500ADA100MF55G EMVK500ADA220MH63G EMVK500ADA330MHA0G EMVK500ADA470MHA0G EMVK500ADA101MJA0G
(2/2)
CAT. No. E1001E


▲Up To Search▲   

 
Price & Availability of EMVK100ADA330ME55G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X